PART |
Description |
Maker |
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
MC100EP445 MC10H100MEL MC10E1651FNR2 NUP4201MR6T1 |
3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad 2-Input NOR Gate With Strobe 5V, -5V ECL Dual ECL Output Comparator With Latch Low Capacitance Surface Mount TVS for High-Speed Data Interfaces -3.3V / -5V Triple ECL Input to PECL Output Translator 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator
|
ON Semiconductor
|
MC100EL07DTR2 MC100EP33DR2 MC100EL38 |
5V ECL 2-Input XOR/XNOR 3.3V / 5V ECL ÷4 Divider 5V ECL Divide by 2, Divide by 4/6 Clock Generation Chip
|
ON Semiconductor
|
MC100ELT23 MC100EL12DTR2 MC10H131FNR2 MC100H640FNR |
5V Dual Differential PECL to TTL Translator 5V ECL Low Impedance Driver Dual Type D Master-Slave Flip-Flop ECL/TTL Clock Driver 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V / 5V ECL ÷4 Divider Quad 2-Input NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator
|
ON Semiconductor
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MC100EL90DW MC100EL90DWG MC100EL90DWR2 MC100EL90DW |
-3.3V / -5V Triple ECL Input to PECL Output Translator; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 TRIPLE ECL TO PECL TRANSLATOR, COMPLEMENTARY OUTPUT, PDSO20 −3.3V / −5V Triple ECL Input to PECL Output Translator
|
ONSEMI[ON Semiconductor]
|
MC10E1651 |
5V, -5V ECL Dual ECL Output Comparator With Latch(5V/-5V ECL,双ECL输出比较器(带锁存器
|
ON Semiconductor
|
MC100LVEL01D MC100LVEL0106 MC100LVEL01DG MC100LVEL |
3.3V ECL 4−Input OR/NOR
|
ONSEMI[ON Semiconductor]
|
MC10EP0506 MC100EP05DTR2G MC100EP05DR2G MC10EP05MN |
3.3V / 5V ECL 2−Input Differential AND/NAND
|
ONSEMI[ON Semiconductor]
|
100395QC 100395 100395QCX 100395CW |
ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Low Power 9-Bit ECL-to-TTL Translator with Registers(低功耗、单电源、带寄存器的9位ECL电平到TTL电平转换 From old datasheet system Low Power Hex TTL-to-ECL Translator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MC100EL90-D |
-3.3V / -5V Triple ECL Input to PECL Output Translator
|
ON Semiconductor
|
P6SMBJ91CA P6SMBJ.8CA P6SMBJ100A P6SMBJ100CA P6SMB |
3.3V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Divide by 4 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 硅雪崩二极管- 600W表面贴装瞬态电压Supressors Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 600W表面贴装瞬态电压Supressors 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V ECL Quad Differential Receiver; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 3.3V ECL 1:5 Clock Distribution Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 Power Rectifier; Current Rating:1A; Mounting Type:Through Hole; Package/Case:DO-26 5V ECL 6-Bit 2:1 Mux-Register; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:37; Connector Shell Size:28; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 3.3V Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500
|
Rectron Semiconductor Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|